|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OS-CON DATA SHEET OS-CON 20SVP22M Frequency (kHz) Impedance (ohm) ESR (ohm) 0.12 68.10 0.60 0.5 16.40 0.21 1 8.24 0.14 10 0.843 0.064 100 0.103 0.047 500 0.041 0.036 1000 0.033 0.033 5000 0.060 0.032 10000 0.113 0.039 No.OS02N-DFSVP016 Frequency characteristics 1000 100 Impedance (ohm) ESR (ohm) ESR, Impedance (ohm) 10 1 0.1 0.01 0.001 0.1 1 10 100 1000 10000 Frequency (kHz) Measureing equipment: HP4194A Test fixture: HP16047C Measuring position: root of leads OS Engineering Department, OS-CON Control Department Saga SANYO Industries Co., Ltd. n = 3p.(Ave.) Room temperature OS-CON DATA SHEET SVP series Test item Endurance (After V.P.S test) Test temperature 105 deg.C Applied voltage 20 V Model 20SVP22M Lot No. 152022411 Change in capacitance (120Hz) 20 10 0.15 0.14 0.13 0.12 0.11 0.1 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 Tangent of loss angle (120Hz) 0 -10 -20 -30 -40 0 2000 Tangent of loss angle Percent delta [%] 0 2000 Time[h] Time[h] ESR (100kHz) 200 180 160 140 120 100 80 60 40 20 0 10000 Leakage current (20V 60s) Leakage current(A) 1000 100 10 1 0.1 0.01 ESR(mohm) 0 2000 0 2000 Time[h] Time[h] Note: n =30p. (V.P.S = Vapor Phase Soldering method) Note: V.P.S test conditions : 230deg.Cx75sx2times Start on June 13, 2001 Executed by M. Koyama End on September 4, 2001 Drawn by M. Kimura No.OS02D-DESVP016 OS Engineering Department, OS-CON Control Department, Saga SANYO Industries Co., Ltd. OS-CON DATA SHEET SVP series Test item Damp heat (Steady state) (After V.P.S test) Test temperature 60 deg.C Test humidity 90 % RH Model 20SVP22M Lot No. 152022411 Change in capacitance (120Hz) 20 10 0.15 0.14 0.13 0.12 0.11 0.1 0.09 0.08 0.07 0.06 0.05 0.04 0.03 0.02 0.01 0 Tangent of loss angle (120Hz) Tangent of loss angle Percent delta [%] 0 -10 -20 -30 -40 0 1000 0 1000 Time[h] Time[h] ESR (100kHz) 200 180 160 140 120 100 80 60 40 20 0 10000 Leakage current (20V 60s) Leakage current(A) 0 1000 1000 100 10 1 0.1 0.01 ESR(mohm) 0 1000 Time[h] Time[h] Note: n =20p. (V.P.S = Vapor Phase Soldering method) Note: V.P.S test conditions : 230deg.Cx75sx2times Start on June 13, 2001 Executed by M. Koyama End on July 24, 2001 Drawn by M. Kimura No.OS02D-DHSVP016 OS Engineering Department, OS-CON Control Department, Saga SANYO Industries Co., Ltd. This datasheet has been download from: www..com Datasheets for electronics components. |
Price & Availability of OS-CON20SVP22M |